Part Number Hot Search : 
SA70A ARM28XXT KBPC1508 XF100 D5108 VIET824A DEVICE 8800A
Product Description
Full Text Search
 

To Download DFPMU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DFPMU
Floating Point Coprocessor ver 2.05
OVERVIEW
DFPMU is a Floating Point Coprocessor, designed to assist CPU in performing the floating point mathematic computations. DFPMU directly replaces C software functions, by equivalent, very fast hardware operations, which significantly accelerate system performance. It doesn't require any programming, so it also doesn't require any modifications made in the main software. Everything is done automatically during software compilation by the DFPMU C driver. DFPMU was designed to operate with DCD's DP8051, but can also operate with any other 8-, 16- and 32-bit processor. Drivers for all popular 8051 C compilers are delivered together with the DFPMU package. DFPMU uses the specialized CORDIC and standard algorithms to compute math functions. It supports addition, subtraction, multiplication, division, square root, comparison, absolute value, change sign of a number and trigonometric functions: sine, cosine, tangent and arctangent. It has built-in conversion instructions from integer type to floating point type and vice versa. The input numbers format is according to IEEE-754 standard. DFPMU supports single precision real numbers, 16-bit and 32-bit integers. Each floating point function can be turned on/off at configuration level providing the flexible scalability of DFPMU module. It allows save silicon space and provides exact configuration required by certain application.
All trademarks mentioned in this document are trademarks of their respective owners.
DFPMU is a technology independent design that can be implemented in a variety of process technologies.
APPLICATIONS
Math coprocessors DSP algorithms Embedded arithmetic coprocessor Fast data processing & control
KEY FEATURES
Direct replacement for C float software functions such as: +, -, *, /,==, !=,>=, <=, <, > Configurability of all available functions C interface supplied for all popular compilers: GNU C/C++, 8051 compilers No programming required IEEE-754 Single precision real format support - float type 16-bit word and 32-bit short integers format supported - integer types Flexible arguments and result registers location Performs the following functions:
FADD, FSUB FMUL, FDIV FSQRT FCHS, FABS
- addition, subtraction - multiplication, division - square root - change of sign, absolute
value
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
FXAM FUCOM FSIN, FCOS FTAN FATAN FILDW, FILD FISTW, FIST
- examine input data - comparison - sine, cosine - tangent - arctangent - 16-bit, 32-bit integer to float - float to 16-bit, 32-bit integer
LICENSING
Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows using IP Core in single FPGA bitstream and ASIC implementation. It also permits FPGA prototyping before ASIC production. Unlimited Designs license allows using IP Core in unlimited number of FPGA bitstreams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time of use limitations. Single Design license for
VHDL, Verilog source code called HDL
Exceptions built-in routines Masks each exception indicator:
Precision lack PE Underflow result UE Overflow result OE Invalid operand IE Division by zero ZE Denormal operand DE
Source
Encrypted, or plain text EDIF called Netlist
Fully configurable Fully synthesizable, static synchronous design with no internal tri-states
Unlimited Designs license for
HDL Source Netlist
DELIVERABLES
Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted Netlist or/and plain text EDIF netlist VHDL & VERILOG test bench environment Active-HDL automatic simulation macros NCSim automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance


Upgrade from
Netlist to HDL Source Single Design to Unlimited Designs

Delivery the IP Core updates, minor and major versions changes Delivery the documentation updates Phone & email support
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
SYMBOL
datai(31:0)1 addr(4:2) we
2
Information about shifted-out bits are stored for rounding process. Control Unit - manages execution of all instructions and internal operation required to execute particular function.
datai(31:0)1 datao(31:0)1
Mantissa Interface
datao(31:0)1
irq
cs rst clk
irq addr(4:2)2 we cs
Align
PINS DESCRIPTION
PIN
clk rst cs datai[31:0] addr[4:2] we datao[31:0]1 irq
2 1
Exponent Shifter
TYPE
Input Input Input Input Input Input
DESCRIPTION
Global system clock Global system reset Chip select for read/write Data bus input Register address to read/write Data write enable
clk rst
CORDIC
Control Unit
Output Data bus output Output Interrupt request indicator
1 - data bus can be configured as 8-, 16- or 32- bit depends on processor's bus size 2 - address bus is aligned to work with 8- (3:0), 16(3:1) or 32- (4:2) bit processors
Interface - makes interface between external device and DFPMU internal 32-bit modules. It contains data, control and status registers. It can be configured to work with 8-, 16- and 32-bit processors.
PERFORMANCE
The following table gives a survey about the Core area and performance in the ALTERA(R) devices after Place & Route (all key features have been included):
Speed Logic Cells Fmax grade APEX20KE -1 5150 50 MHz APEX20KC -7 5150 58 MHz APEX-II -7 5150 73 MHz CYCLONE -6 4650 90 MHz CYCLONE-II -6 4520 96 MHz STRATIX -5 4460 108 MHz STRATIX-II -3 3300 168 MHz Core performance in ALTERA(R) devices Device
BLOCK DIAGRAM
Mantissa - performs operations on mantissa part of number. The addition, subtraction, multiplication, division, square root, comparison and conversion operations are executed in this module. It contains mantissas and work registers. CORDIC - performs trigonometric operations on input data. The sine, cosine, tangent and arctangent operations are executed in this module. It contains three work registers. Exponent - performs operations on exponent part of number. The addition, subtraction, shifting, comparison and conversion operations are executed in this module. It contains exponents and work registers. Align - performs the numbers analyze against IEEE-754 standard compliance. Information about the data classes are passed as result to appropriate internal module. Shifter - performs mantissa shifting during normalization, denormalization operations.
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
DFPMU floating point instructions performance has been compared to standard C library functions delivered with every commercial C compiler. Each program was executed in the same system environments. Number of clock periods were measured between input data loading into work registers and output result storing after operation. The results are placed in table below. Improvement has been computed as number of: (CPU clk) divided by (CPU+DFPMU clk), required to execute the same operation. More details are available in core documentation. The following table gives a survey about the DP8051+DFPMU performance compared to std 8051 microcontroller.
Device Improvement 80C51 1.0 DP8051 7.3 DP8051+DFPMU 162.0 General performance improvements
200 150 100 50 1 0
80C51 DP8051 DP8051+DFPMU
The table below shows performance improvements of the NIOS-II and DFPMU based system, compared to the same system without the DFPMU coprocessor.
Device Improvement NIOS-II/s 1.0 NIOS-II+DFPMU (arithmetic) 7.5 NIOS-II+DFPMU (trigonometric) 49.2 NIOS-II+DFPMU (overall) 28.3 General performance improvements
50 40 28,3 30 20 10 1 0
32-bit NIOS-II/s NIOS-II+DFPMU (arithmetic) NIOS-II+DFPMU (trigonometric) NIOS-II+DFPMU (overall)
49,2
7,5
162
7,3
IEEE-754 FP Instruction Improvement Addition 6.4 Subtraction 6.5 Multiplication 5.1 Division 6.5 Square Root 12.9 Sine 40.8 Cosine 41.3 Tangent 65.0 Arcs Tangent 49.6 Average speed improvement: 28.3 Improvements of particular operations
IEEE-754 FP Instruction Improvement Addition 73 Subtraction 60 Multiplication 65 Division 182 Square Root 392 Sine 139 Cosine 144 Tangent 222 Arcs Tangent 182 Average speed improvement: 162 Improvements of particular operations
More details are available in core documentation.
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.
CONTACTS
For any modification or special request please contact to Digital Core Design or local distributors. Headquarters: Wroclawska 94 41-902 Bytom, POLAND n fo @ d c d .p l e-mail: iinfo@dcd.pl tel. fax : +48 32 282 82 66 : +48 32 282 74 37
Distributors: http://www.dcd.pl/apartn.php Please check http://www.dcd.pl/apartn.php
All trademarks mentioned in this document are trademarks of their respective owners.
http://www.DigitalCoreDesign.com http://www.dcd.pl
Copyright 1999-2007 DCD - Digital Core Design. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of DFPMU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X